PART |
Description |
Maker |
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BAY8012 BAY80-TAP |
Small Signal Switching Diode, High Voltage DIODE 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Signal Diode
|
Vishay Siliconix Vishay Semiconductors
|
BAL99LT1G BAL99LT1 BAL99L |
Small Signal Diode From old datasheet system SWITCHING DIODE 0.1 A, 70 V, SILICON, SIGNAL DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BAT54ACJW BAT54AW BAT54JFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE 0.3 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
STMICROELECTRONICS ST Microelectronics
|
BAV21WS BAV19WS BAV20WS-TP |
250mW Small Signal Diodes 120 to 250 Volts DIODE GP 200V 200MA SOD323 0.2 A, 200 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
MMBD7000 |
0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE, TO-236AB DUAL SMALL SIGNAL SWITCHING DIODE
|
General Semiconductor
|
BAV23S BAV23A BAV23C BAV23C-TP |
350mW Small Signal Diode 0.225 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
BAT54S-V BAT54-V BAT54A-V BAT54-V10 BAT54C-V BAT54 |
Small Signal Schottky Diodes, Single and Dual 0.2 A, 30 V, SILICON, SIGNAL DIODE 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BZX85C47GP BZX85C15GP BZX85C75GP BZX85C7V5GP BZX85 |
150 V, 2 mA, 1.3 W glass passivated zener diode SMALL SIGNAL SCHOTTKY DIODES 齐纳二极 5.0V PC real-time clock 齐纳二极 Low capacitance, low series inductance and resistance Schottky diodes Low capacitance small signal Schottky diodes Small signal Schotky diodes
|
Fagor Electronics Industry Public Company Limited Fairchild Semiconductor, Corp.
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
|